|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SUPERWORLD ELECTRONICS SW6R WSM Series - 6W Wide Input Single & Dual SMD DC-DC Converter SW6R WSM PRODUCT RANGE Model SW6R24S03WSMF SW6R24S05WSMF SW6R24S09WSMF SW6R24S12WSMF SW6R24S15WSMF SW6R24D03WSMF SW6R24D05WSMF SW6R24D09WSMF SW6R24D12WSMF SW6R24D15WSMF SW6R48S03WSMF SW6R48S05WSMF SW6R48S09WSMF SW6R48S12WSMF SW6R48S15WSMF SW6R48D03WSMF SW6R48D05WSMF SW6R48D09WSMF SW6R48D12WSMF SW6R48D15WSMF Vin (Vdc) 18-36 18-36 18-36 18-36 18-36 18-36 18-36 18-36 18-36 18-36 36-75 36-75 36-75 36-75 36-75 36-75 36-75 36-75 36-75 36-75 Vout (Vdc) 3.3 5 9 12 15 3.3 5 9 12 15 3.3 5 9 12 15 3.3 5 9 12 15 Iout (mA) 1818 1200 666 500 400 908 600 334 250 200 1818 1200 666 500 400 908 600 334 250 200 Iin (rated) (mA) 165 150 150 150 135 83 75 75 75 68 165 150 150 150 135 83 75 75 75 68 Eff. (%) 76 80 82 83 85 74 78 80 82 84 76 80 82 83 85 74 78 80 82 84 FEATURES * * * * * * * * * * Industry std 24-pin SMD package Wide Input Ranges 18-36 & 36-75 Vdc Single & Dual 1500Vdc Isolated Outputs Operating Temp Range -40oC to 100oC High Efficiencies to 85% Continuous Short Circuit Protection Undervoltage Lock-out Metal Casing 2 Year Warranty Internal Input and Output Filtering DESCRIPTION The SW6R WSM Series is a 1500Vdc isolated range of single and dual output 6W DC-DC converters, designed with a 2:1 input voltage range and ideal for use in a whole variety of telecoms, industrial and distributed power applications. In an industry standard surface mount packages (33 x 16 x 11 mm), the SW6R WSM is fully encapsulated in a non-flammable plastic case (meeting UL 94V-0) and is designed to meet EN60950 and UL1950 safety standards. Continuous SC protection and UVLO are some of the many SW6R W features. MECHANICAL SPECIFICATION Pin 1 2 3 10 11 12 13 14 15 22 23 24 Singles -Vin -Vin NC -Vout NC -Vou +Vout NC -Vout NC +Vin +Vin Dual -Vin -Vin NC Common NC -Vout +Vout NC Common NC +Vin +Vin SW6R24S03WSMF SW6R WSM Series Product Datasheet www.superworld.com.sg 1 of 2 SW6R WSM INPUT SPECIFICATIONS PARAMETER Input Current (No Load) Voltage Range Transient Input Voltage (1msec) Undervoltage Lockout (SW6R24) Undervoltage Lockout (SW6R48) Reflected Ripple Current CONDITIONS All models SW6R24 SW6R48 SW6R24 SW6R48 On Off On Off 16 34.5 32.5 35 mAp-p MIN 18 36 TYPICAL 20 24 48 MAX 36 75 50 100 17.5 UNITS mA Vdc Vdc Vdc SW6R WSM OUTPUT SPECIFICATIONS PARAMETER Rated Power Voltage Setpoint Accuracy Line Regulation Load Regulation Ripple & Noise Current Limit Output Overvoltage Clamp Temperature Coefficient Short Circuit Protection CONDITIONS All models 1% change in Vin (10% load to rated load) BW = DC to 20MHz 120% x Iout 0.008 0.5 1 MIN TYPICAL MAX 6.0 5 2 3 UNITS W % % % p-p W % Vout %/ oC second 1% 7.2 120 1 SW6R WSM GENERAL CHARACTERISTICS PARAMETER Temperature CONDITIONS Temperature (Ambient) Temperature (Case) Storage Isolation Test Voltage Resistance Capacitance Leakage Current MIL-HDBK-217E MIN -25 -40 -40 1500 10 20 20 150 450000 20 TYPICAL MAX 70 100 100 UNITS o o C C o C Vdc G pF Arms kHz hrs g Isolation Switching Frequency MTTF (Ta = 25 oC) Weight Refer to Medium Power Application Note 1 for additional Performance Curves & Data Superworld Electronics (S) Pte Ltd 16 New Industrial Road #06-01 to 08 Hudson TechnoCentre Singapore 536204 Tel : (65) 6298 2866 Fax : (65) 6298 8900 Email : sales@superworld.com.sg SW6R WSM Series Product Datasheet www.superworld.com.sg 2 of 2 |
Price & Availability of SW6R48S09WSMF |